Part Number Hot Search : 
4H087B APW7178 2SC14 1N444 CT6TP503 HD74LS00 C256HPA 4AC17
Product Description
Full Text Search
 

To Download S5M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro commercial components corp. products end of life notification issue date: sep-7 th -2008 last buy date :dec-6 th -2008 description and purpose: mcc has undergone a review of its core business and products , and determined to discontinue below products: discontinued devices possible replacements s5a s5al s5b s5bl s5d s5dl s5g s5gl s5j s5jl s5k s5kl S5M S5Ml micro commercial components tm mcc www. mccsemi .com
s5a thru S5M 5 amp silicon rectifier 50 to 1000 volts features ? for surface mount applications ? extremely low thermal resistance ? high current capability ? high temp soldering: 260 c for 10 seconds at terminals maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage s5a s5a 50v 35v 50v s5b s5b 100v 70v 100v s5d s5d 200v 140v 200v s5g s5g 400v 280v 400v s5j s5j 600v 420v 600v s5k s5k 800v 560v 800v S5M S5M 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 5.0a t a = 75 c peak forward surge current i fsm 200a 8.3ms, half sine maximum instantaneous forward voltage v f 1.20v i fm = 5.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 a 250 a t j = 25 c t j = 100 c typical junction capacitance c j 100pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 200 sec, duty cycle 2% h j e f g a b d c cathode band 0.070 0.190 0.200 suggested solder pad layout do-214ab (hsmc) (round lead)  
 omp onents 20736 marilla street chatsworth       
     m c c revision: 5 200 8 /0 2 / 01 dimensions inches mm dim min max min max note a .200 .214 5.08 5.43 b .177 .203 4. 7 0 5. 30 c .002 .005 .05 .13 d --- .02 --- .51 e . 047 .056 1. 20 1. 42 f .168 .179 4.27 4.55 g .3 09 . 322 7.85 8. 18 h .239 .243 6.08 6.18 j .234 .240 5.95 6.10 tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7.
average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 40 60 100 120 140 160 0 1 2 3 single phase, half wave 60hz resistive or inductive load amps c 80 4 5 6 figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 junction capacitance - pf versus reverse voltage - volts pf volts 60 40 4 400 1000 t j =25 c figure 1 typical forward characteristics instantaneous forward current - amperes versus instantaneous forward voltage - volts volts 4 6 20 10 amps .5 1.5 .7 .9 1.1 1.3 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.7 s5a thru S5M m c c revision: 5 2008/02/01 tm micro commercial components www. mccsemi .com 2 of 4
instantaneous reverse leakage current - microampere s versus percent of rated peak reverse voltage - volts 1 100 4 0 50 100 150 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 200 250 300 figure 4 typical reverse characteristics volts 40 60 20 0 100 amps 20 12 0 40 60 80 100 .1 .2 .4 .6 1 2 4 6 10 20 t a =25 c 400 600 1000 140 t a =100 c s5a thru S5M m c c revision: 5 2008/02/01 tm micro commercial components www. mccsemi .com 3 of 4
m c c revision: 5 2008/02/01 tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel; 1.5 kpcs/reel


▲Up To Search▲   

 
Price & Availability of S5M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X